PART |
Description |
Maker |
ISL12022MIBZ-T ISL12022M10 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM,Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 隆戮5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL12022MA ISL12022MAIBZ ISL12022MAIBZ-T ISL12022M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
M41T01M6F |
Low-power serial real-time clock (RTC) with built-in battery switchover circuit
|
ST Microelectronics
|
V3025SO28B V3025 V3025SO28A |
17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
|
EMMICRO[EM Microelectronic - MARIN SA]
|
CBC34813-M5C CBC34803-M5C-TR1 CBC-EVAL-12-34803 |
Extend Battery Life by Reducing System Power using the EnerChip RTC
|
Cymbet Corporation
|
ISL12022IBZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
INTERSIL CORP
|
ISL1219IUZ-T |
Real Time Clock/Calendar with Event Detection 0 TIMER(S), REAL TIME CLOCK, PDSO10 Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil, Corp. Intersil Corporation
|
ASM1233MS-55 ASM1233MS-5 ASM1233MS-3 ASM1233DZ-5 A |
Low Power CPU Supervisors Lithium Battery; Voltage Rating:3V; Battery Capacity:265mAh; Battery Terminals:Pressure Contact RoHS Compliant: NA Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Steel Ruler; Graduations:1/8; 1/16; 1/32; 1/64; Overall Length:12"; Width:1"; Length:12" 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
M41T93RQA6E M41T93SQA6E M41T93ZQA6E M41T93 M41T93R |
Serial SPI bus RTC with battery switchover
|
STMICROELECTRONICS[STMicroelectronics]
|
3/700RSE.099161 150RS.025269 3/RST4.099146 RST4K.0 |
AKKU TELEFON STECKLOETFAHNE 3.6V 100G BATTERIE NICKEL CADMIUM AKKU LADY N 1.2V Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset BATTERY HIGH TEMP.NI-CAD BATTERY AAA TYPE AAA级电池类
|
Analog Devices, Inc.
|
AT73C201 |
The AT73C201 is a low-cost, high performance fully integrated Battery and Power Management System for Wireless Cellular Terminals. POWER SUPPLY AND BATTERY MANAGEMENT IC
|
ATMEL[ATMEL Corporation]
|
V30208TSS V30208S |
Ultra Low Power 1-Bit 32 kHz RTC
|
List of Unclassifed Manufacturers
|